PART |
Description |
Maker |
DG301BK DG302CK DG301CWE DG301C_D DG301CK DG303BK |
Circular Connector; No. of Contacts:6; Series:JTPQ00R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:8; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:8-35 High Precision, Low-Voltage, Micropower Op Amp TTL Compatible CMOS Analog Switches DUAL 2-CHANNEL, DBL POLE SGL THROW SWITCH, PDSO16 TTL Compatible CMOS Analog Switches TTL兼容CMOS模拟开
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. ITW Chemtronics
|
5962R8776001BSA 5962R8776001BRA 5962R8776001B2A 59 |
Buffer/Driver TTL Compatible CMOS Analog Switches Precision, Low-Power, Low-Dropout, UCSP Voltage Reference 缓冲驱动
|
ITT, Corp.
|
MC74VHC1GT02 MC74VHC1GT02-D |
Single 2 Input NOR Gate TTL Level Single 2-Input NOR Gate/ CMOS Logic Level Shifter with LSTTL Compatible Inputs
|
ON Semiconductor
|
VCB1 |
3.0 or 5.0 Vdc Option Low Cost 1 to 160 MHz Enable Disable Option TTL/CMOS Compatible
|
Electronic Theatre Controls, Inc. ETC[ETC]
|
DG303AAZ/883B DG300AAK DG300AAK/883B |
TTL Compatible CMOS Analog Switches
|
MAXIM - Dallas Semiconductor
|
5962F9687301QXA 5962F9687301QXX 5962F9687301QYA 59 |
Radiation-hardenet 8Kx8 PROM: SMD. 35ns access time, TTL inputs, CMOS/TTL compatible outputs. Class Q. Lead finish solder. Total dose 3E5rads(Si) Radiation-hardenet 8Kx8 PROM: SMD. 35ns access time, TTL inputs, CMOS/TTL compatible outputs. Class Q. Lead finish optional. Total dose 3E5rads(Si) Radiation-hardenet 8Kx8 PROM: SMD. 35ns access time, TTL inputs, CMOS/TTL compatible outputs. Class Q. Lead finish gold. Total dose 3E5rads(Si) Radiation-hardenet 8Kx8 PROM: SMD. 45ns access time, TTL inputs, CMOS/TTL compatible outputs. Class Q. Lead finish solder. Total dose 3E5rads(Si) Radiation-hardenet 8Kx8 PROM: SMD. 45ns access time, TTL inputs, CMOS/TTL compatible outputs. Class Q. Lead finish gold. Total dose 3E5rads(Si) Radiation-hardenet 8Kx8 PROM: SMD. 45ns access time, TTL inputs, CMOS/TTL compatible outputs. Class Q. Lead finish optional. Total dose 3E5rads(Si) Radiation-hardenet 8Kx8 PROM: SMD. 45ns access time, TTL inputs, CMOS/TTL compatible outputs. Class V. Lead finish solder. Total dose 3E5rads(Si) Radiation-hardenet 8Kx8 PROM: SMD. 45ns access time, TTL inputs, CMOS/TTL compatible outputs. Class V. Lead finish gold. Total dose 3E5rads(Si) Radiation-hardenet 8Kx8 PROM: SMD. 45ns access time, TTL inputs, CMOS/TTL compatible outputs. Class V. Lead finish optional. Total dose 3E5rads(Si) Radiation-hardenet 8Kx8 PROM: SMD. 45ns access time, TTL inputs, CMOS/TTL compatible outputs. Class Q. Lead finish solder. Total dose 5E5rads(Si) Radiation-hardenet 8Kx8 PROM: SMD. 45ns access time, TTL inputs, CMOS/TTL compatible outputs. Class Q. Lead finish gold. Total dose 5E5rads(Si) Radiation-hardenet 8Kx8 PROM: SMD. 35ns access time, TTL inputs, CMOS/TTL compatible outputs. Class V. Lead finish gold. Total dose 3E5rads(Si) Radiation-hardenet 8Kx8 PROM: SMD. 35ns access time, TTL inputs, CMOS/TTL compatible outputs. Class Q. Lead finish gold. Total dose 5E5rads(Si) Radiation-hardenet 8Kx8 PROM: SMD. 35ns access time, TTL inputs, CMOS/TTL compatible outputs. Class V. Lead finish optional. Total dose 3E5rads(Si) Radiation-hardenet 8Kx8 PROM: SMD. 35ns access time, TTL inputs, CMOS/TTL compatible outputs. Class Q. Lead finish solder. Total dose 5E5rads(Si) Radiation-hardenet 8Kx8 PROM: SMD. 35ns access time, TTL inputs, CMOS/TTL compatible outputs. Class V. Lead finish optional. Total dose 5E5rads(Si) Radiation-hardenet 8Kx8 PROM: SMD. 35ns access time, TTL inputs, CMOS/TTL compatible outputs. Class V. Lead finish solder. Total dose 5E5rads(Si)
|
Aeroflex Circuit Technology
|
TXE-205H3 TXE-205H5 |
Through hole TCXO HCMOS / TTL compatible Low phase noise
|
QUARTZCOM the communications company
|
74AC86 74AC86PC 74AC86SJ 74AC86SJX 74AC86MTCX 74AC |
IC-SM-74AC ADVANCED CMOS 集成电路Sm - 74AC先进的CMOS From old datasheet system Quad 2-Input Exclusive-OR Gate Quad 2-input Exclusive OR (XOR) Gate Complete High-Speed CMOS, 12-Bit ADC AC SERIES, QUAD 2-INPUT XOR GATE, PDSO14 CMOS, 8-Bit-Compatible, 12-Bit DAC AC SERIES, QUAD 2-INPUT XOR GATE, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
XO-54BE40M XO-54AARE40M XO-54ARE40M XO-54AAR40M XO |
Clock Oscillators 1.0MHz - 100.0MHz, HCMOS/TTL Compatible, Enabled Output Optional, Industrial Temperature Optional Full Size Clock Oscillators TTL/HCMOS Compatible
|
Vishay Siliconix
|
|